Part Number Hot Search : 
54HC1 SB0503EC TPS843 1N2972C STN4102 GRM188 1702N MCR08B
Product Description
Full Text Search
 

To Download 2SC2500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC2500 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92lm ?? npn ?? silicon npn transistor in a to-92lm plastic package. ?,??,?? high dc current gain and excellent h fe linearity,low saturation voltage. ?? medium power amplifier applications. pin1 base pin 2 collector pin 3 emitter ?? / h fe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol a b c d h fe range 140 240 200 330 300 450 420 600 1 2 3
2SC2500 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 30 v collector to emitter voltage v ceo 10 v emitter to base voltage v ebo 6.0 v collector current (dc) i c 2.0 a base current i b 0.5 a collector power dissipation p c 900 mw junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to emitter breakdown v oltage v ceo i c =10ma i b =0 10 v emitter to base breakdown v oltage v ebo i e =1.0ma i c =0 6.0 v collector cut-off current i cbo v cb =30v i e =0 0.1 a emitte r cut-off current i ebo v eb =6.0v i c =0 0.1 a dc current gain h fe(1) v ce =1.0v i c =0.5a 140 600 h fe(2) v ce =1.0v i c =2.0a 70 200 collector to emitter saturation v oltage v ce(sat) i c =2.0a i b =50ma 0.2 0.5 v base to emitter voltage v be v ce =1.0v i c =2.0a 0.86 1.5 v transition frequency f t v ce =1.0v i c =0.5a 150 mhz collector output capacitance c ob v cb =10v i e =0 f=1.0mhz 27 pf ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
2SC2500 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
2SC2500 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
2SC2500 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br:    ?? c2500  ??? a:?h fe ? ****  ???? note: br: company code. c2500: product type. a:    h fe classifications symbol ****: lot no. code,code change with lot no. br **** c2500 a
2SC2500 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92lm 1,000 8 8,000 5 40,000 135190 237172102 560245195 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92lm 2,500 1 100 10 25,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of 2SC2500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X